Part Number Hot Search : 
13000 15130351 15130351 EL2142CN LTC4010 107M0 1N6294E3 CA3080E
Product Description
Full Text Search
 

To Download NX3225SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Units
n Features
NEW
NX3225SC
A small surface-mount type crystal unit, ideal for an engine control CPU clock; delivering the high reliability that is particularly demanded by car electronics. lUltra compact and thin. (3.2 x 2.5 x 0.6mm typ.) lWith a well established reputation for reliability, this product is best suited for car electronics equipment. lExcellent environmental characteristics, including heat, vibration and shock resistance. lHighly resistant to solder cracking. lLead-free. Meets the requirements for re-flow profiling using lead-free solder. lConforms to AEC-Q20
For Car Electronics
Pb Free
n Specifications
Item Frequency Range Overtone Order Frequency Tolerance (25 3) Temperature Characteristics (with reference to +25C) Operating Temperature Range Equivalent Series Resistance Drive Level Load Capacitance Model NX3225SC 9.84375 to 40MHz Fundamental 50 x 10-6 150 x 10-6 -40 to +125 Refer to *1 10W(Max:200W) 8pF
The above specifications are standard for this NDK product. Custom-made specifications such as load capacitance and temperature characteristics are also available. Please contact NDK sales with your enquiries.
n How to Specify an Order
When ordering our products, specify them with an "Ordering Code" that consists of the following : Model name - Frequency (Max : 9 digits) M - Number for specifying an order Example NX3225SC-9.84375M-STD-CRS-1
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
n Dimensions
3.2 0.1
*1 Equivalent Series Resistance
mm
Internal connections(TOP VIEW)
#4 #3
Frequency (MHz) (Range) 9.84375 to 16 16 to 30 30 to 40
Equivalent Series Resistance max.[] 300 220 150
2.5 0.1
#1
#2
0.60.1
*#2 and #4 are connected with a cover. (Please connect with a GND or a power supply.)
Reference land pattern
#1 #2
1.6
0.9
1.4 1.0 2.2 #3 2.2
#4
1.2
1.6
cu25_071108_NX3225SC_e1


▲Up To Search▲   

 
Price & Availability of NX3225SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X